Part Number Hot Search : 
FT0408DI 222LL 27C30 IW3623 BR10100 BAT54AW TDA7433 BR10100
Product Description
Full Text Search
 

To Download G6CK-11XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power PCB Relay
s s s s
G6C
s s s
Subminiature 20.07 L x 14.99 W x 9.91 H mm (0.79 L x 0.59 W x 0.39 H in) Low power consumption (200 mW) Semi-sealed and sealed types available Unique moving magnet armature (Moving Loop System) reduces relay size, magnetic interference, and contact bounce time Single and double-winding latching types available High sensitivity in a compact package Long life assured by high contact pressure
DVE
Ordering Information
To Order: Select the part number and add the desired coil voltage rating (e.g., G6C-1117P-US-DC6). Type Non-latching Contact form SPST-NO SPST-NO + SPST-NC SPST-NO SPST-NO + SPST-NC SPST-NO SPST-NO + SPST-NC SPST-NO SPST-NO + SPST-NC SPST-NO SPST-NO + SPST-NC SPST-NO SPST-NO + SPST-NC Construction Sealed Semi-sealed Sealed Semi-sealed Sealed Semi-sealed Part number G6C-1114P-US G6C-2114P-US G6C-1117P-US G6C-2117P-US G6CU-1114P-US G6CU-2114P-US G6CU-1117P-US G6CU-2117P-US G6CK-1114P-US G6CK-2114P-US G6CK-1117P-US G6CK-2117P-US
Single-winding latching contact
Dual-winding latching contact
s ACCESSORIES
Back connecting sockets Relay G6C-1114P-US G6C-1117P-US G6C-2114P-US G6C-2117P-US G6CU-1114P-US G6CU-1117P-US G6CU-2114P-US G6CU-2117P-US G6CK-1114P-US G6CK-1117P-US G6CK-2114P-US G6CK-2117P-US
w
w
w
.d
ee sh ta a
u. t4
om c
Part number P6C-06P
P6C-08P
www..com
G6C
G6C
Specifications
s CONTACT DATA
Non-latching SPST-NO Resistive load (p.f. = 1) 10 A at 250 VAC 10 A at 30 VDC AgCdO 10 A 380 VAC, 125 VDC 10 A 2,500 VA, 300 W 10 mA, 5 VDC SPST-NO + SPST-NC Resistive load (p.f. = 1) 8 A at 250 VAC 8 A at 30 VDC 8A 8A 2,000 VA, 240 W
Load Rated load Contact material Carry current Max. operating voltage Max. operating current Max. switching capacity Min. permissible load Latching
Inductive load (p.f. = 0.4) (L/R = 7 ms) 5 A at 250 VAC 5 A at 30 VDC
Inductive load (p.f. = 0.4) (L/R = 7 ms) 3.5 A at 250 VAC 3.5 A at 30 VDC
1,250 VA, 220 W
875 VA, 170 W
Load Rated load Contact material Carry current Max. operating voltage Max. operating current Max. switching capacity Min. permissible load
SPST-NO Resistive load (p.f. = 1) 10 A at 250 VAC 10 A at 30 VDC AgCdO 10 A 380 VAC, 125 VDC 10 A 2,500 VA, 300 W 10 mA, 5 VDC
Inductive load (p.f. = 0.4) (L/R = 7 ms) 5 A at 250 VAC 5 A at 30 VDC
SPST-NO + SPST-NC Resistive load (p.f. = 1) 8 A at 250 VAC 8 A at 30 VDC 8A 8A 2,000 VA, 240 W
Inductive load (p.f. = 0.4) (L/R = 7 ms) 3.5 A at 250 VAC 3.5 A at 30 VDC
1,250 VA, 220 W
3.5 A 875 VA, 105 W
s COIL DATA
Non-latching Coil inductance (ref. value) (H) Armature OFF 0.078 0.22 0.36 1.32 4.96 Armature ON 0.067 0.18 0.29 1.13 4.19
Rated voltage (VDC) 3 5 6 12 24
Rated current (mA) 66.70 40 33.30 16.70 8.30
Coil resistance () 45 125 180 720 2,880
Pick-up voltage
Dropout voltage
Maximum voltage 160% max. at 23C (73F) 130% max. at 70C (158 F)
% of rated voltage 70% max. 10% min.
Power consumption (mW) Approx. 200
Single-winding latching type Rated voltage (VDC) 3 5 6 12 24 Rated current (mA) 66.70 40 33.30 16.70 8.30 Coil resistance () 45 125 180 720 2,880 Set pick-up voltage Reset pick-up voltage Maximum voltage 160% max. at 23C (73F) 130% max. at 70C (158F) Power consumption (mW) Approx. 200
Coil inductance (ref. value) (H) 0.09 0.25 0.36 1.75 5.83
% of rated voltage 70% max. 70% min.
Note: The rated current and coil resistance are measured at a coil temperature of 23C (73F) with a tolerance of 10%.
2
G6C
s COIL DATA
Dual-winding latching type Coil inductance (ref. value) (H) Set Coil 0.03 0.07 0.10 0.37 1.56 Reset Coil 0.03 0.08 0.12 0.47 1.46 Set pick-up voltage Reset pick-up voltage
G6C
Rated voltage (VDC) 3 5 6 12 24
Rated current (mA) 93.50 56 46.70 23.30 11.70
Coil resistance () 32.10 89.30 129 514 2,056
Maximum voltage 160% max. at 23C (73F) 110% max. at 70C (158F)
% of rated voltage 70% max. 70% max.
Power consumption (mW) Approx. 280
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23C (73F) with a tolerance of 10%. 2. Operating characteristics are measured at a coil temperature of 23C (73F). 3. The minimum pulse width of the set and reset voltage is 20 ms.
s CHARACTERISTICS
Contact resistance Operate (set) time Release (reset) time Bounce time Operating frequency Insulation resistance Dielectric strength Non-latching Latching 30 m max. 10 ms max. (mean value: approx. 5 ms) 10 ms max. (mean value: approx. 2 ms) Approx. 3 ms Approx. 3 ms 18,000 operations/hour 1,800 operations/hour (under rated load) 1,000 M min. (at 500 VDC) 2,000 VAC, 50/60 Hz for 1 minute between coil and contacts, non-latching types 2,000 VAC, 50/60 Hz for 1 minute between contacts of different poles, non-latching 1,000 VAC, 50/60 Hz for 1 minute between contacts of same pole, non-latching 250 VAC, 50/60 Hz for 1 minute between set and reset coils, latching types 4,500 V x 40 s (between coil and contacts, non-latching) 10 to 55 Hz; 1.50 mm (0.06 in) double amplitude 10 to 55 Hz; 1.50 mm (0.06 in) double amplitude Approx. 100 G Approx. 10 G -25 to 70C (-13 to 158F) 45 to 85% RH 50 million operations min. (at operating frequency of 18,000 operations/hour) See "Characteristic Data" Approx. 5.6 g (0.20 oz)
Operate Release Mechanical Electrical
Surge withstand voltage Vibration Mechanical durability Malfunction durability Shock Mechanical durability Malfunction durability Ambient temperature Humidity Service life Mechanical Electrical Weight Note: Data shown are of initial value.
3
G6C
s CHARACTERISTIC DATA Non-latching types
Maximum switching capacity SPST-NO
Rated operating current (A)
G6C
Electrical service life SPST-NO + SPST-NC
Service life (x103 operations) Rated operating current (A)
Ambient temperature vs. maximum voltage (reference only)
Rated operating voltage (V)
Rated operating voltage (V)
Rated operating current (A)
Maximum voltage (%)
Ambient temperature (C)
Latching types
Maximum switching capacity SPST-NO
Rated operating current (A)
Electrical service life SPST-NO + SPST-NC
Service life (x103 operations) Rated operating current (A)
Ambient temperature vs. maximum voltage (reference only)
Rated operating voltage (V)
Rated operating voltage (V)
Rated operating current (A)
Maximum voltage (%)
Ambient temperature (C)
Dimensions
Unit: mm (inch)
s NON-LATCHING RELAYS
G6C-s 117P-US s Terminal arrangement/ Internal connections (Bottom view) G6C-1117P-US, G6C-1114P-US Mounting holes [Bottom view, Tolerance: 2.54 (0.10)]
Note:
4
54321 54321 54321
and
indicate mounting orientation marks.
G6C
G6C-s 114P-US s Terminal arrangement/ Internal connections (Bottom view) G6C-2117P-US, G6C-2114P-US
G6C
Mounting holes (Bottom view, Tolerance: 2.54 [0.10])
s LATCHING RELAYS
Single winding types, 1-pole G6CU-1117P-US, G6CU-1114P-US Terminal arrangement/ Internal connections (Bottom view) Mounting holes (Bottom view)
Single winding types, 2-pole G6CU-2117P-US, G6CU-2114P-US Terminal arrangement/ Internal connections (Bottom view) Mounting holes (Bottom view)
Note:
654321 654321 654321
and
indicate mounting orientation marks.
5
G6C
Unit: mm (inch)
G6C
s LATCHING RELAYS (continued)
Double winding types, 1-pole G6CK-1117P-US, G6CK-1114P-US Terminal arrangement/ Internal connections (Bottom view) Mounting holes (Bottom view)
Double winding types, 2-pole G6CK-2117P-US, G6CK-2114P-US Terminal arrangement/ Internal connections (Bottom view) Mounting holes (Bottom view)
s ACCESSORIES
Connecting sockets - P6C-06P, P6C-08P Mounting height of relay width connecting socket Mounting holes (Bottom view) P6C-06P
P6C-08P
Note: 6
54321 54321 54321
and
indicate mounting orientation marks.
G6C
s APPROVALS
UL (File No. E41643)/ CSA (File No. LR31928) Type G6C-1114P-US G6C-1117P-US Contact Form SPST-NO Coil Rating 3 to 60 VDC Contact Ratings 10 A, 250 VAC (General purpose) 10 A, 30 VDC (Resistive) TV-5 1/4 HP, 125 VAC 1/4 HP, 250 VAC (Motor load) 1/3 HP, 250 VAC (Motor load) 600 WT, 120 VAC (Tungsten) 530 VA, 265 VAC, 2 A max. pilot duty 43.2 VA, 30 VDC, pilot duty 22 LRA, 3.6 FLA, 30 VDC 8 A, 250 VAC (General purpose) 8 A, 30 VDC (Resistive) TV-5 1/4 HP, 125 VAC 1/4 HP, 250 VAC (Motor load) 600 WT, 120 VAC (Tungsten) 530 VA, 265 VAC, 2 A max. pilot duty 43.2 VA, 30 VDC, pilot duty 22 LRA, 3.6 FLA, 30 VDC 10 A, 250 VAC (General purpose) 10 A, 30 VDC (Resistive) 1/6 HP, 125 VAC (Motor load) TV-5 1/4 HP, 125 VAC 1/4 HP, 250 VAC (Motor load) 1/3 HP, 250 VAC (Motor load) 600 WT, 120 VAC (Tungsten) 8 A, 250 VAC (General purpose) 8 A, 30 VDC (Resistive) 1/6 HP, 125 VAC (Motor load) TV-5 1/4 HP, 125 VAC 1/4 HP, 250 VAC (Motor load) 1/3 HP, 250 VAC (Motor load) 600 WT, 120 VAC (Tungsten)
G6C
G6C-2114P-US G6C-2117P-US
SPST-NO + SPST-NC
3 to 60 VDC
G6C(U/K)-1114P-US G6C(U/K)-1117P-US
SPST-NO
3 to 60 VDC
G6C(U/K)-2114P-US G6C(U/K)-2117P-US
SPST-NO + SPST-NC
3 to 60 VDC
VDE (File No. 2314) Type G6C-1117P-VD G6C-1114P-VD G6C-2117P-VD G6C-2114P-VD Contact Form SPST-NO Coil Rating DC3, 12, 24V Contact Ratings 250 VAC 10 A (Resistive) 5 A (Inductive) 250 VAC 7 A (Resistive) 3.5 A (Inductive)
SPST-NO + SPST-NC
DC3, 12, 24V
Note: 1. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance characteristics individually defined in this catalog. 2. In the interest of product improvement, specifications are subject to change.
7
G6C
G6C
OMRON ELECTRONICS, INC.
One East Commerce Drive Schaumburg, IL 60173
OMRON CANADA, INC.
885 Milner Avenue Scarborough, Ontario M1B 5V8
1-800-55-OMRON
Cat. No. GC RLY7 8 01/00 Specifications subject to change without notice.
416-286-6465
Printed in the U.S.A.


▲Up To Search▲   

 
Price & Availability of G6CK-11XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X